PART |
Description |
Maker |
TH50VSF4682AASB TH50VSF4683AASB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
BC847PN |
Multi-Chip Transistor
|
SeCoS Halbleitertechnologie GmbH
|
BC847S |
Multi-chip transistor (NPN)
|
Shenzhen Jin Yu Semiconductor Co., Ltd.
|
585-3211 585-3213 585-3215 585-3221 585-3225 585-3 |
Multi-Chip BASED LED T1 3/4 Bi-Pin 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
FMBA14 |
NPN Multi-Chip Darlington Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
UMD2N |
NPN-PNP built-in resistors Multi-Chip Digital Transistor
|
SeCoS
|
CE201210-6N8J CE201210-5N6J CE201210-4N7J CE201210 |
IC,MOT,MC68HC908GR8CP, DIP-28, MCU FLASH 8BIT 8MHZ 4K IC,MCU,MC68HC908JB8ADW,8-BIT SOIC-28,21 I/O,3MHZ IC,MCU,MC68HC711E9CFN2,8-BIT 2MHz,PLCC52 8-BIT, OTPROM, 2.1 MHz, MICROCONTROLLER, PDIP20 IC,MCU,MC68HC908KX8CDW,8-BIT SOIC-16,13 I/O,8MHZ Multi-Layer Chip Inductors 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD IC,MCU,MC68HC705C9ACFN,8-BIT PLCC-44,31 I/O,2MHZ 多层片式电感 Multi-Layer Chip Inductors 1 ELEMENT, 0.39 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
BC846S |
Plastic-Encapsulate Multi-Chip (NPN NPN) Transistor
|
SeCoS Halbleitertechnologie GmbH
|
M36L0R7040B0 M36L0R7040B0ZAQE M36L0R7040B0ZAQF M36 |
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
|
ST Microelectronics STMicroelectronics
|
S75WS256NDFBFWLJ3 S75WS256NDFBAWLK2 S75WS256NDFBFW |
Stacked Multi-Chip Product (MCP) 堆叠式多芯片产品(MCP Stacked Multi-Chip Product (MCP) SPECIALTY MEMORY CIRCUIT, PBGA84
|
Spansion, Inc. SPANSION LLC
|
M39P0R9080E0ZAD M39P0R9080E0ZADE M39P0R9080E0ZADF |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
|
Numonyx B.V
|
|